|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET Part Number: SL10 10002 Ordering Different Lead Types: Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Use -B after Ametherm's part # For example: to order an inside kinked lead use part number SL10 10002-A D D D T B L S STRAIGHT LEADS S OUTSIDE KINKED LEADS S INSIDE KINKED LEADS C Electrical Specifications: Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (J)/ Max Vac Rating Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant Material Type Max Recommended Capacitance @ 120VAC/250VAC 10.0 25% 2.0 A 10.0 J/ 250 30.0 J 0.340 0.600 124 C 9.4mW/C 20 seconds "C" 700F/ 135F Mechanical Specifications: D T Lead Diameter S L Straight Lead Coating Run Down B C 9.40 0.5 mm 4.30 0.5 mm 0.8 0.03 mm 5.10 0.3 mm 38.0 9.0 mm 5.0 1.0 mm 5.6 0.55 mm 2.54 1.0 mm CSA File Number: #CA118061 Revision Date: November 19, 2004 Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670 www.ametherm.com |
Price & Availability of SL1010002-A |